PART |
Description |
Maker |
R2500 |
VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere
|
WILLAS ELECTRONIC CORP
|
VP12 HVP10 HVP12 HVP14 HVP15 HVP16 HVP5 HVP8 |
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes) 0.75 A, 16000 V, SILICON, SIGNAL DIODE HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes) 高压ASSEMBLIED整流(电压范0006000伏特,电.75安培
|
RECTRON[Rectron Semiconductor]
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
MFK2807D/883 MFK2805S/883 MFK2805D/883 MFK2812D/88 |
MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ?25 Watt
|
Interpoint Corporation ...
|
5KP22 5KP33A 5KP40A 5KP40 5KP51A 5KP28A 5KP6.0A |
5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
|
MCC[Micro Commercial Components]
|
5KP8.0 5KP5.0 5KP6.0CA 5KP6.5CA 5KP7.5CA 5KP7.0CA |
5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
R5000 R4000 |
200 mA High Voltage Silicon Rectifier 4000 to 5000 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
R4000 |
HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts, 0.2 Ampere) HIGH VOLTAGE SILICON RECTIFIER(4000 to 5000 Volts 0.2 Ampere)
|
DCCOM[Dc Components]
|
EHA2-5195-5 EHA1-5195-5 EHA0-5190-6 EHA4-5190/883B |
14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers; Temperature Range: -40°C to 85°C; Package: 38-QFN T&R Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp; Temperature Range: Full-Range Ind; Package: 16-QSOP Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Murata Manufacturing Co., Ltd.
|
SGA-3563 SGA-3563Z |
SGA-3563 DC-5.0 GHz Cascadeable MMIC Amplifier DC-5000 MHz Silicon Germanium Cascadable HBT MMIC Amplifier DC - 5000 MHz的硅锗MMIC放大器级联异质结双极晶体
|
Electronic Theatre Controls, Inc. sirenza.com
|